PART |
Description |
Maker |
ATTINY25-15ST1 ATTINY25-15MT ATTINY25-15MZ ATTINY2 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash MCU AVR 4K FLASH 15MHZ 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZC 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZ 8-SOIC
|
ATMEL Corporation Atmel, Corp.
|
ATXMEGA32D4 ATXMEGA32D4-AU ATXMEGA32D4-CU ATXMEGA3 |
8/16-bit AVR XMEGA D4 Microcontroller 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44
|
ATMEL Corporation
|
ATMEGA8535 ATMEGA8535-16AC ATMEGA8535-16AI ATMEGA8 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 Multi-Color LED; LED Color:Green; Luminous Intensity:10ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to C; Color:Green; Input Current:20mA; Leaded Process Compatible:No RoHS Compliant: No 8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
ATMEGA8535L-8MU ATMEGA8535L-8PU ATMEGA8535L-8AU AT |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
AT90LS2343-4PC AT90LS2343-4PI AT90LS2343-4SC AT90L |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash LED GREEN DIFFUSED LEVEL METER LED GREEN 7-ELEMENT ARRAY LED AMBER 7-ELEMENT ARRAY -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO8 LED RED 7-ELEMENT ARRAY 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT32UC3A4256S-C1UT AT32UC3A4256S-C1UR AT32UC3A3128 |
32-bit AVR?Microcontroller
|
ATMEL Corporation http://
|
ATTINY20-14 |
8-bit AVR Microcontroller
|
ATMEL Corporation
|
ATTINY24A-MFR ATMEGA8-16ANR ATMEGA8-16AU ATMEGA8-1 |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC20 8-bit Atmel with 8KBytes In-System PRogrammable Flash High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL CORP ATMEL Corporation
|
AT32UC3L016 AT32UC3L032 |
32-bit Atmel AVR Microcontroller
|
ATMEL Corporation
|